Part Number Hot Search : 
1N3310B 245DW 82RSB SUM110 45020 PM4319 AP1520SA 5962F9
Product Description
Full Text Search
 

To Download MS202968NML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : 20090811-A PROD. NAME ABC'S DWG NO. PAGE: 1 MS20L-
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO.
CONFIGURATION & DIMENSIONS
A
D
D H C I B G ( PCB Pattern ) Unit : m/m C 0.900.20 1.200.20 D 0.500.30 0.500.30 G 1.0 1.0 H 1.0 1.0 I 1.0 1.0 I
Series MS2029 MS2022
A 2.000.20 2.000.20
B 1.200.20 1.200.20
SCHEMATIC DIAGRAM
MATERIALS
aBodyFerrite bInternal conductorSilver or Ag / Pd cTerminalCu/Sn dRemarkProducts comply with RoHS' requirements
a
b
c
GENERAL SPECIFICATION
aStorage temp.-40 ---- +105 bOperating temp.-55 ---- +125 cTerminal Strength F Type MS2022 MS2029 F ( kgf ) 0.8 0.6 time ( sec ) 305
Temperature ( ) 250
50sec max.
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 230
200 150
70sec max.
dSolderability Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2605 Flux : Rosin Dip time : 41 seconds AR-001A
100 50
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
REF : 20090811-A PROD. NAME PAGE: 2 ABC'S DWG NO. ABC'S ITEM NO. MS20L-
MULTILAYER CHIP INDUCTOR
ELECTRICAL CHARACTERISTICS
DWG No. MS202947NML - MS202968NML - MS202982NML - MS2029R10ML - MS2029R12ML - MS2029R15ML - MS2029R18ML - MS2029R22ML - MS2029R27ML - MS2029R33ML - MS2029R39ML - MS2029R47ML - MS2029R56ML - MS2029R68ML - MS2029R82ML - MS20291R0ML - MS20291R2ML - MS20291R5ML - MS20291R8ML - MS20292R2ML - MS20222R7ML - MS20223R3ML - MS20223R9ML - MS20224R7ML - MS20225R6ML - MS20226R8ML - Inductance ( H ) 0.04720% 0.06820% 0.08220% 0.10020% 0.12020% 0.15020% 0.18020% 0.22020% 0.27020% 0.33020% 0.39020% 0.47020% 0.56020% 0.68020% 0.82020% 1.00020% 1.20020% 1.50020% 1.80020% 2.20020% 2.70020% 3.30020% 3.90020% 4.70020% 5.60020% 6.80020% Q min 15 15 15 20 20 20 20 20 20 20 25 25 25 25 25 45 45 45 45 45 45 45 45 45 50 50 Test Freq. (MHz) 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4 4 SRF ( MHz ) min 320 280 255 235 220 200 185 170 150 145 135 125 115 105 100 75 65 60 55 50 45 41 38 35 32 29 RDC () max 0.20 0.20 0.20 0.30 0.30 0.40 0.40 0.50 0.50 0.55 0.65 0.65 0.75 0.80 1.00 0.40 0.50 0.50 0.60 0.65 0.75 0.80 0.90 1.00 0.90 1.00 IDC ( mA ) max 300 300 300 250 250 250 250 250 250 250 200 200 150 150 150 50 50 50 50 30 30 30 30 30 15 15
1). Packaging Information... ABulk BTaping Reel 2) ."-
":Reference code
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090811-A PROD. NAME PAGE: 3 ABC'S DWG NO. ABC'S ITEM NO. MS20L-
MULTILAYER CHIP INDUCTOR
CURVE
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090811-A PROD. NAME PAGE: 4 ABC'S DWG NO. ABC'S ITEM NO. MS20L-
MULTILAYER CHIP INDUCTOR
PACKAGING INFORMATION
( 1 ) Confihuration T
Cover Tape
2.00.5
A
B
C
C
N
G
D
Embossed Carrier
Carrier tape width : D P:4 m/m End 4 m/m Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G 10 +0 N 50 -0
Unit:m/m T 12.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series MS2029 MS2022
Q'TY (pcs) G.W. (gw) Style Q'TY(pcs)
Outer : Carton
G.W. (Kg) Size (cm)
4,000 3,000
120 142
07 - 08 07 - 08
200,000 150,000
8.5 9.8
41 x 39 x 22 41 x 39 x 22
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090811-A PROD. NAME PAGE: 5 ABC'S DWG NO. ABC'S ITEM NO. ( 4 ) TYPE DIMENSIONS
1.75 0.1 (0.0690.004)
MULTILAYER CHIP INDUCTOR
MS20L-
Fig 1.
40.1 (0.1570.004)
1.550.05 20.05 (0.079 0.002) (0.0610.002)
T max.
F0.05 (0.002)
P0.1 (0.004)
A0.1 (0.004)
1.750.1 (0.0690.004)
Fig 2.
40.1 (0.1570.004)
1.550.05 20.05 (0.079 0.002) (0.0610.002)
B0.1(0.004)
W0.2 (0.008)
0.230.1(0.004)
F0.05 (0.002)
B0.1(0.004)
W0.2 (0.008)
P0.1 (0.004)
A0.1 (0.004)
T0.1(0.004)
Unit:m/m Type MS2029 MS2022 A 1.50 1.50 B 2.30 2.30 F 3.50 3.50 P 4.0 4.0 T 1.10 1.46 W 8.0 8.0 Fig 1 2
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20090811-A PROD. NAME PAGE: 6 ABC'S DWG NO. ABC'S ITEM NO. MS20L-
MULTILAYER CHIP INDUCTOR
DWGING NUMBER EXPRESSION
M
S
2
0 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification L Lead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Code A B Inner package T.B.D. T / R ( Reel package ) T / R ( Reel package ) C T / R ( Reel package ) Inner package Q'TY T.B.D. 4000 3000 3000 pcs pcs pcs MS2029 MS2022 MS2022 Remark
AR-001A


▲Up To Search▲   

 
Price & Availability of MS202968NML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X